Part Number Hot Search : 
R2021 5ETTTS ZQ3500 KA2418 FS1117 GF3KB LM785 CDRH4
Product Description
Full Text Search
 

To Download TDA9830 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA9830 TV sound AM-demodulator and audio source switch
Product specification File under Integrated Circuits, IC02 June 1994
Philips Semiconductors
Product specification
TV sound AM-demodulator and audio source switch
FEATURES * Adjustment free wideband synchronous AM demodulator * Audio source-mute switch (low noise) * Audio level according EN50049 * 5 to 8 V power supply or 12 V alternative * Low power consumption. GENERAL DESCRIPTION
TDA9830
The TDA9830, a monolithic integrated circuit, is designed for AM-sound demodulation used in L- and L'-standard. The IC provides an audio source selector and also mute switch. QUICK REFERENCE DATA SYMBOL V14 V11 I14,11 V1-16 Gv V6 V6 V7,9 V8 Tamb positive supply voltage supply voltage (alternative) supply current IF sensitivity (RMS value) (for -3 dB AF-signal) gain control AF output signal (m = 54%) (RMS value) S/N ratio acc. CCIR468-3 (IF-signal 10 mVRMS) AF input signal (for THD < 1.5%) (RMS value) crosstalk and mute attenuation operating ambient temperature PARAMETER MIN. 4.5 10.8 24 - 60 400 47 - 80 0 TYP. 5.0 12.0 30 60 66 500 53 - 90 - MAX. 8.8 13.2 36 100 - 600 - 1.2 - +70 UNIT V V mA V dB mV dB V dB C
ORDERING INFORMATION PACKAGE EXTENDED TYPE NUMBER PINS TDA9830 TDA9830T Note 1. SOT38-1; 1996 November 20. 2. SOT109-1; 1996 November 20. 16 16 PIN POSITION DIL SO MATERIAL plastic plastic CODE SOT38GG(1) SOT109(2)
June 1994
2
Philips Semiconductors
Product specification
TV sound AM-demodulator and audio source switch
TDA9830
June 1994
3
Fig.1 Block diagram.
Philips Semiconductors
Product specification
TV sound AM-demodulator and audio source switch
PINNING SYMBOL IFIN n.c. CAGC CREF n.c. AMOUT AMIN AFOUT EXTIN SWITCH Vp2 MUTE GND Vp1 n.c. IFIN PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 not connected AGC capacitor REF voltage filtering capacitor not connected AM demodulator output input signal (from AM) to audio switch output signal from audio switch input signal (from external) to audio switch switch input select control supply voltage +12 V (alternative) mute control ground (0 V) supply voltage +5 to +8 V not connected sound IF differential input signal maximum charge/discharge current is approximately 5 A. This value in combination with the value of the AGC capacitor and the AGC steepness determines the lower cut-off audio frequency and the THD-figure at low modulation frequency of the whole AM-demodulator. Therefore a large time constant has to be chosen which leads to slow AGC reaction at IF level change. To speed up the AGC in case of IF signal jump from low to high level, there is an additional comparator built in, which can provide additional discharge current from the AGC capacitor up to 5 mA in a case of overloading the AM demodulator by the internal IF signal. AM-demodulator The IF amplifier output signal is fed to a limiting amplifier (two stages) and to a multiplier circuit. However the limiter output signal (which is not any more AM modulated) is also fed to the multiplier, which provides AM DESCRIPTION sound IF differential input signal
TDA9830
Fig.2 Pin configuration.
FUNCTIONAL DESCRIPTION Sound IF input The sound IF amplifier consists of three AC-coupled differential amplifier stages each with approximately 20 dB gain. At the output of each stage is a multiplier for gain controlling ( current distribution gain control). The overall control range is approximately -6 to +60 dB and the frequency response (-3 dB) of the IF amplifier is approximately 6 to 70 MHz. The steepness of gain control is approximately 10 mV/dB. IF AGC The automatic gain control voltage to maintain the AM demodulator output signal at a constant level is generated by a mean level detector. This AGC-detector charges and discharges the capacitor at pin 3 controlled by the output signal of the AM-demodulator compared to an internal reference voltage. The June 1994
demodulation (in phase demodulation). After lowpass filtering (fg 400 kHz) for carrier rejection and buffering, the demodulator output signal is present at pin 6. The AM demodulator operates over a wide frequency range, so that in combination with the frequency response of the IF amplifier applications in a frequency range from approximately 6 MHz up to 70 MHz are possible. Audio switch This circuit is an operational amplifier with three input stages and internal feedback network determining gain (0 dB) and frequency response (fg 700 kHz). Two of the input stages are connected to pin 7 and pin 9, the third input stage to an internal reference voltage. Controlled by the switching pins 10 and 12, one of the three input stages can be activated and a choice made between two different AF signals or mute state. The selected signal is present at
4
Philips Semiconductors
Product specification
TV sound AM-demodulator and audio source switch
pin 8. The decoupling capacitors at the input pins are needed, because the internally generated bias voltage for the input stages must not be influenced by the application in order to avoid DC-plop in case of switching. The AM demodulator output is designed to provide almost the same DC voltage as the input bias voltage of the audio switch. But there may be spread between both voltages. Therefore it is possible to connect pin 6 directly to pin 7 (without a decoupling capacitor), but in this event the DC-plop for switching can increase up to 100 mV. Reference circuit This circuit is a band gap stabilizer in combination with a voltage regulation amplifier, which provides an internal reference voltage of about 3.6 V nearly independent from supply voltage and temperature. This reference voltage is filtered by the capacitor at pin 4 in order to reduce noise. It is used as a reference to generate all important voltages and currents of the circuit. For application in 12 V power supply concepts, there is an internal voltage divider in combination with a
TDA9830
Darlington transistor in order to reduce the supply voltage for all IC function blocks to approximately 6 V. This is necessary because of use of modern high frequency IC technology, where most of the used integrated components are only allowed to operate at maximum 9 V supply voltage.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC134). SYMBOL V14-13 V11-13 V10, 12-13 Tamb Tstg PARAMETER supply voltage VP1 supply voltage VP2 switching voltage operating ambient temperature storage temperature -0.5 -0.5 -0.5 0 -25 MIN. MAX. +8.9 +13.3 VP + 0.5 +70 +150 V V V C C UNIT
Note to the limiting values 1. To avoid an inadmissible increase of ambient temperature, it is not allowed to short-circuit pin 11 for more than 10 seconds to ground. THERMAL RESISTANCE SYMBOL Rth j-a SOT38 SOT109 PARAMETER from junction to ambient in free air 74 K/W 100 K/W THERMAL RESISTANCE
June 1994
5
Philips Semiconductors
Product specification
TV sound AM-demodulator and audio source switch
TDA9830
CHARACTERISTICS VP1 = 5.0 V at pin 14; Tamb = +25 C; sound carrier fSC = 32.4 MHz modulated with f = 1 kHz and modulation depth m = 54%. IF input signal (sound carrier): V1-16 10 mVRMS; unless otherwise specified. SYMBOL V14-13 V11-13 I11/I14 R1-16 C1-16 V1-16 V1-16 Gv I3 I3 V3 - V13 B PARAMETER positive supply voltage VP1 positive supply voltage VP2 current consumption CONDITIONS note 1 note 1 MIN. 4.5 10.8 24 TYP. 5.0 12.0 30 MAX. 8.8 13.2 36 V V mA UNIT
IF amplifier and gain control input resistance input capacitance minimum IF input signal (RMS value) maximum IF input signal (RMS value) gain control maximum AGC charging/discharging current fast AGC discharging current gain control voltage (Gmin - Gmax) -3 dB IF bandwidth upper cut-off frequency lower cut-off frequency V1/16-13 V6-13 B DC potential AM-Demodulator AF output signal (RMS value) -3 dB AF bandwidth upper cut-off frequency lower cut-off frequency; note 7 V6-13 V6-13 V6-13 R6 I6abs I6 V7,9-13 V8-13 THD S/N (weighted acc. CCIR 468-3) DC potential output resistance (emitter follower with 0.5 mA bias current) allowable AC output current allowable DC output current AF-input-signal for THD < 1.5% (RMS value) S/N ratio of audio switch (in accordance with CCIR 468-3) -3 dB AF bandwidth THD at 1 VRMS input signal at pin 7 or 9 6 reference signal at pin 7/9 is 0.5 VRMS upper limit 400 100 - - 47 2.00 - - - - 70 500 - - 0.8 53 2.15 300 - - - 80 600 - 20 2 - 2.30 - 0.3 -0.5 mV kHz Hz % dB V mA mA note 2 note 3 1.75 1.0 - 70 60 3.5 - 1.5 50 - - 2.2 1.5 60 120 66 5 - - 70 6 1.7 2.65 2.2 100 - - 7 5 2.8 - 10 - k pF V mV dB A mA V MHz MHz V
Audio-switch 1.2 - V dB
B V8-13 June 1994
100 -
- 0.1
- 1.0
kHz %
Philips Semiconductors
Product specification
TV sound AM-demodulator and audio source switch
TDA9830
SYMBOL V8-13 V7,8,9-13 R7,9-13 G7,9-8 V10-13 V10-13 V12-13 I10, 12 V8-13 DC-potential
PARAMETER crosstalk and mute attenuation input resistance gain of audio switch audio switching voltage to activate pin 7 audio switching voltage to activate pin 9 input voltage for MUTE-ON input voltage for MUTE-OFF output current of switching-pins at V10, 12-13 = 0 V DC-plop at AF output pin with switching from internal to external audio signal or to mute-state or vice-versa output resistance
CONDITIONS 20 Hz to 20 kHz
MIN. 80 2.00 40 -0.5 0
TYP. 90 2.15 50 0 - - - - -145 5 -
MAX. 2.30 60 +0.5 0.8 VP 0.8 VP -185 10 V
UNIT dB k dB V V V V A mV
note 4 note 4
1.5 0 1.5 -110
note 5
-
R8 RR
70
100
150 - -
Ripple rejection note 6 AF signal output: RR = Vripple on VP / Vripple on Vout AF signal output with AF signal from external source Notes to the characteristics 1. In the power supply voltage range VP1 = 5.0 V up to 8.0 V the performance will not change essentially. With power supply from VP2 = 12.0 V the performance will be comparable with the performance at VP1 = 5.0 V up to 8.0 V. The unused power supply pin must be not connected. 2. Start of gain control (low IF input signal) at -3 dB AF signal reduction at pin 6. 3. End of gain control (high IF input signal) at +1 dB AF signal expansion at pin 6. 4. This state is also valid for pin left open-circuit. 5. If a DC-plop of about maximum 100 mV is acceptable when switching from internal to external audio-signal or from internal to mute state or vice versa, the capacitor between pin 6 and 7 can be omitted and pin 6 can be connected to pin 7. 6. Measured with Vripple = 200 mV(p-p) at 70 Hz superimposed on supply voltage VP. 7. Dependent on value of AGC capacitor. 26 40 30 44 dB dB
June 1994
7
Philips Semiconductors
Product specification
TV sound AM-demodulator and audio source switch
TDA9830
June 1994
8
Fig.3 Internal circuits.
Philips Semiconductors
Product specification
TV sound AM-demodulator and audio source switch
TDA9830
Fig.4 Test circuit 5 to 8 V supply.
Fig.5 Test circuit 12 V supply.
June 1994
9
Philips Semiconductors
Product specification
TV sound AM-demodulator and audio source switch
TDA9830
Fig.6 S/N figure as a function of the IF input signal.
Fig.7 Frequency response at pin 6.
Fig.8 THD at pin 6.
June 1994
10
June 1994 11 Fig.9 Proposed tolerance scheme IF filter for standard L. With an IF filter according to this proposal, the video buzz suppression on the audio output is better than 50 dB (in accordance with CCIR468-3, m = 54%) for the worst case video modulation with 6 kHz sinewave black-to-white.
Philips Semiconductors Product specification
TV sound AM-demodulator and audio source switch TDA9830
Philips Semiconductors
Product specification
TV sound AM-demodulator and audio source switch
PACKAGE OUTLINES DIP16: plastic dual in-line package; 16 leads (300 mil); long body
TDA9830
SOT38-1
D seating plane
ME
A2
A
L
A1
c Z e b1 b 16 9 MH wM (e 1)
pin 1 index E
1
8
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT38-1 REFERENCES IEC 050G09 JEDEC MO-001AE EIAJ EUROPEAN PROJECTION A max. 4.7 0.19 A1 min. 0.51 0.020 A2 max. 3.7 0.15 b 1.40 1.14 0.055 0.045 b1 0.53 0.38 0.021 0.015 c 0.32 0.23 0.013 0.009 D (1) 21.8 21.4 0.86 0.84 E (1) 6.48 6.20 0.26 0.24 e 2.54 0.10 e1 7.62 0.30 L 3.9 3.4 0.15 0.13 ME 8.25 7.80 0.32 0.31 MH 9.5 8.3 0.37 0.33 w 0.254 0.01 Z (1) max. 2.2 0.087
ISSUE DATE 92-10-02 95-01-19
June 1994
12
Philips Semiconductors
Product specification
TV sound AM-demodulator and audio source switch
TDA9830
SO16: plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
D
E
A X
c y HE vMA
Z 16 9
Q A2 A1 pin 1 index Lp 1 e bp 8 wM L detail X (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 10.0 9.8 E (1) 4.0 3.8 0.16 0.15 e 1.27 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 0.039 0.016 Q 0.7 0.6 0.028 0.020 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.7 0.3
0.010 0.057 0.069 0.004 0.049
0.019 0.0100 0.39 0.014 0.0075 0.38
0.244 0.050 0.041 0.228
0.028 0.004 0.012
8 0o
o
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT109-1 REFERENCES IEC 076E07S JEDEC MS-012AC EIAJ EUROPEAN PROJECTION
ISSUE DATE 95-01-23 97-05-22
June 1994
13
Philips Semiconductors
Product specification
TV sound AM-demodulator and audio source switch
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "IC Package Databook" (order code 9398 652 90011). DIP SOLDERING BY DIPPING OR BY WAVE The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact with the joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. REPAIRING SOLDERED JOINTS Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds. SO REFLOW SOLDERING Reflow soldering techniques are suitable for all SO packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied
TDA9830
to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. WAVE SOLDERING Wave soldering techniques can be used for all SO packages if the following conditions are observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow. * The package footprint must incorporate solder thieves at the downstream end. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. REPAIRING SOLDERED JOINTS Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
June 1994
14
Philips Semiconductors
Product specification
TV sound AM-demodulator and audio source switch
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
TDA9830
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
June 1994
15


▲Up To Search▲   

 
Price & Availability of TDA9830

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X